Part Number Hot Search : 
4HCT57 MAX151 P2010 GJ3669 ZR4040 40002 40002 184X52
Product Description
Full Text Search
 

To Download 2035-09-SM-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 oH VE S CO AV R M AI SIO PL LA N IA BL S NT E
Features

Leadless, surface mount for economical assembly Compact mini-size High surge current rating Low capacitance and insertion loss Stable breakdown throughout life

UL Recognized RoHS compliant* version available
*R
2035-xx-SM Precision Gas Discharge Tube Surge Protector
Bourns now offers a surface mount (SM) 2-electrode GDT surge protection device. The industry-leading quality and features of the Bourns(R) miniature 2035 Series GDT continue in this new SM version. Compatible with "pick and place" assembly systems, the SM is ideal for high-density applications such as PCBs for telecommunications, commercial and industrial applications. Characteristics Test Methods per ITU-T (CCITT) K.12, IEEE C62.31 Characteristic DC Sparkover 15 % (20 % for Model 2035-09) @ 100 V/s Impulse Sparkover 100 V/s 1000 V/s Model No. 2035-09 90 V 2035-15 150 V 2035-20 200 V 2035-23 230 V 2035-25 250 V 2035-30 300 V
350 V 525 V
400 V 550 V
425 V 575 V
450 V 600 V
475 V 625 V
525 V 650 V
Characteristic DC Sparkover 15 % @ 100 V/s (-12 %, +15 % for Model 2035-60) @ 100 V/s Impulse Sparkover 100 V/s 1000 V/s
Model No. 2035-35 350 V 2035-40 400 V 2035-42 420 V 2035-47 470 V 2035-60 600 V
600 V 750 V
650 V 800 V
675 V 850 V
750 V 950 V
950 V 1100 V
Insulation Resistance (IR).......................................100 V (50 V for Model 2035-09) ...................................> 1010 Glow Voltage..........................................................10 mA...........................................................................~ 70 V Arc Voltage.............................................................>1 A..............................................................................~ 10 V Glow-Arc Transition Current ........................................................................................................................< 0.5 A Capacitance...........................................................1 MHz...........................................................................< 1 pF DC Holdover Voltage1 ...........................................>135 V, (52 V for Model 2035-09, ................................< 150 ms 80 V for Model 2035-15) Impulse Discharge Current ....................................10000 A, 8/20 s2.........................................................1 operation minimum 5000 A, 8/20 s............................................................> 10 operations 100 A, 10/1000 s .......................................................> 300 operations 100 A, 10/700 s .........................................................> 500 operations Alternating Discharge Current................................20 Arms, 11 cycles2 .....................................................1 operation minimum 5 Arms, 1 s ...................................................................> 10 operations Operating Temperature................................................................................................................................-55 to +85 C Notes: UL Recognized component, UL File E153537 Sparkover limits after life 20 % (-25 %, +30 % for Model 2035-09, 2035-60), IR >108 .
1 2
Network applied. Tube may exceed 20 % but will continue to protect without venting.
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
2035-xx-SM Precision Gas Discharge Tube Surge Protector
Product Dimensions Recommended Pad Layout
4.4 (.173)
3.9 (.155)
5.0 (.195) 4.8 DIA. (.190)
5.6 (.220)
1.3 (.050)
DIMENSIONS = MILLIMETERS (INCHES)
Packaging Specifications The Model 2035-xx-SM ships standard bulk pack, 100 pieces per bag. The optional reelpack (-RP) contains 1,500 pieces per reel. Reel is 13 " in diameter and 3/4 " wide.
4.00 (.158) 2.00 (.079) 1.75 (.069)
How To Order 2035 - xx - SM - RP LF Model Number Designator Voltage Surface Mount Packaging Options Blank = Bulk Packaging (Standard) RP = Reelpack (Optional) Lead Free Option Blank = Standard Product LF = Lead Free / RoHS Compliant Product
16.0 (.63) 7.5 (.30)
8.00 (.315)
REV. G 08/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of 2035-09-SM-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X